Part Number Hot Search : 
77559 5TRMPB 00222 AA1200 MCR100 AM3443P 2HR2901P 36250
Product Description
Full Text Search
 

To Download WFU1N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c o p y r igh t @ w i n s em i microelectronics c o . , lt d . , a l l ri g h t r e s er v ed . wfu wfu wfu wfu 1 1 1 1 n60 n60 n60 n60 rev.a dec .2010 silicon silicon silicon silicon n-channel n-channel n-channel n-channel mosfet mosfet mosfet mosfet features ? 1.3a,600v,r ds(on) (max 8.5 ? )@v gs =10v ? ultra-low gate charge(typical 9.1nc) ? fast switching capability ? 100%avalanche tested ? maximum junction temperature range(150 ) general description this power mosfet is produced using winsemi's advanced planar stripe, v dmos technology. this latest technology has been especially designed to minimize on -state resistance,have a high rugged avalanche characteristics. this devices is specially well suited for high efficiency switch mode power supply , electronic lamp ballasts based on half bridge and ups. absolute maximum ratings symbol parameter value units v dss drain source voltage 600 v i d continuous drain current(@tc=25 ) 1.3 a continuous drain current(@tc=100 ) 0.84 a i dm drain current pulsed (note1) 5.0 a v gs gate to source voltage 30 v e as single pulsed avalanche energy (note2) 78 mj e ar repetitive avalanche energy (note1) 3.9 mj dv/dt peak diode recovery dv /dt (note3) 5.5 v/ ns p d total power dissipation(@tc=25 ) 32 w derating factor above 25 0.24 w/ t j ,t stg junction and storage temperature -55~150 t l maximum lead temperature for soldering purposes 300 thermal characteristics symbol parameter value units min typ max r qjc thermal resistance , junction -to -case - - 3.9 /w r qcs thermal resistance , c ase-to-sink 0.5 - - /w r qja thermal resistance , junction-to -ambient - - 110 /w
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance wfu wfu wfu wfu 1 1 1 1 n60 n60 n60 n60 2 / 7 electrical characteristics(tc=25 ) characteristics symbol test condition min type max unit gate leakage current i gss v gs = 30 v,v ds =0v - - 100 na gate-source breakdown voltage v (br)gss i g = 10 a,v ds =0v 30 - - v drain cut -off current i dss v ds = 600 v,v gs =0v - - 10 a v ds =480v,tc=125 - 100 a drain -source breakdown voltage v (br)dss i d =250 a,v gs =0v 600 - - v break voltage temperature coefficient bv dss / t j i d =250 a ,referenced to 25 - 0.5 - v/ gate threshold voltage v gs(th) v ds =10v,i d =250 a 2 - 4 v drain -source on resistance r ds(on) v gs =10v,i d = 0.65 a - 7.7 8.5 ? forward transconductance gfs v ds = 40 v,i d = 0.65 a - 1.3 - s input capacitance c iss v ds =25v, v gs =0v, f=1mhz - 247 318 pf reverse transfer capacitance c rss - 5 6.5 output capacitance c oss - 23 30 switching time rise time tr v dd = 300 v, i d = 1.3 a r g = 25 ? (note4,5) - 11 26 ns turn-on time ton - 33 72 fall time tf - 26 59 turn-off time toff - 26 59 total gate charge(gate-source plus gate-drain) qg v dd = 480 v , v gs =10v, i d = 1.3 a (note 4 ,5) - 9.1 12 nc gate-source charge qgs - 1.2 - gate-drain("miller") charge qgd - 4.5 - source-drain ratings and characteristics(ta=25 ) characteristics symbol test condition min type max unit continuous drain reverse current i dr - - - 1.3 a pulse drain reverse current i drp - - - 5.0 a forward voltage(diode) v dsf i dr = 1.3 a,v gs =0v - - 1.4 v reverse recovery time trr i dr = 1.3 a,v gs =0v , di dr / dt =100 a / s - 163 - ns reverse recovery charge qrr - 0.85 - c note 1.repeativity rating :pulse width limited by junction temperature 2.l= 92m h i as = 1.3 a,v dd = 50 v, r g =0 ? ,starting t j =25 3.i sd 1.3 a,di/dt 200 a/us,v dd < bv dss ,starting t j =25 4.pulse test:pulse width 300us,duty cycle 2% 5. essentially independent of operating temperature. this transistor is an electrostatic sensitive device please handle with caution
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance wfu wfu wfu wfu 1 1 1 1 n60 n60 n60 n60 3 / 7 fig.1 on-state cha ra cteristics fig.2 transfer current characteristics fig.3 on resistance variation vs drain current fig.4 body diode forward voltage variation with source current and temperature fig.5 on-resistance variation vs junction temperature fig.6 gate charge characteristics
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance wfu wfu wfu wfu 1 1 1 1 n60 n60 n60 n60 4 / 7 fig.7 maximum safe operation area fig.9 transient thermal response curve fig.8 maximum drain current vs case temperature
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance wfu wfu wfu wfu 1 1 1 1 n60 n60 n60 n60 5 / 7 fig.10 gate test circuit & waveform fig.11 r esistive switching test circuit & waveform fig.12 uncamped inductive switching test circuit & waveform
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance wfu wfu wfu wfu 1 1 1 1 n60 n60 n60 n60 6 / 7 fig.13 peak diode recovery dv/dt test circuit & waveform
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance wfu wfu wfu wfu 1 1 1 1 n60 n60 n60 n60 7 / 7 to251 to251 to251 to251 package package package package dimension dimension dimension dimension unit:mm


▲Up To Search▲   

 
Price & Availability of WFU1N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X